Part Number Hot Search : 
R12KE P4KE350A 06010 GBJ2004 MCJ210A E170A 330M3 KRA755U
Product Description
Full Text Search
 

To Download 3690-104-03 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  c ole?s series 3600 one inch diameter rotary switch is designed for instrumentation, industrial controls, medical equipment, military, aircraft, weapons, as well as ground support electronics equipment. this new 3600 series switch was designed for low and high level current switching and virtually eliminates ? ux contamination which has been a problem to the industry utilizing rotary switches. these switches are available with 30, 36, 45 and 90 indexing and one to six poles per deck. quality construction features include: self cleaning contacts for low level switching and low contact resistance through the life of the switch (25,000 cycles). hardened steel sprocket and ball bearing detent mechanism provide smooth, positive detent action and a mechanical life in excess of 100,000 cycles. in the 3600, the terminals and commons are molded in diallyl phthalate thermosetting plastic to eliminate ? ux contamination seeping inside the switch during soldering or during the cleaning process. rotors are molded of thermo-plastic glass ? ll. these and many other quality features will provide the ultimate in mechanical and electrical reliability, during the life of the switch. in addition to the full qpl?d mil switch, a commercial version is available. 3600 series one inch multi-deck enclosed rotary switches iso9001 certified
2650 south croddy way p.o. box 25063 santa ana, california 92799-5063 usa phone 714.556.3100 sales fax 714.241.9061 www.cole-switches.com iso9001 certified 3600 series 3600 series one inch multi-deck enclosed rotary switches 3600 series/page 2 3600 standard (see page 3) note: push/pull shaft travel = 0.070 inch. 3600 spring return (see page 7) notes: 3600 standard - .250 shaft dia., .375 ferrule dia., 1.032 body dia., (see page 3). 3600 push/pull - .250 shaft dia., .375 ferrule dia., 1.032 body dia., (see page 5). 3600 spring return - .250 shaft dia., .375 ferrule dia., 1.032 body dia., (see page 7). 3600 standard - add a pot - .250 shaft dia., .375 ferrule dia., 1.032 body dia., (see page 10) 3600 standard - add a snap action - .250 shaft dia., .375 ferrule dia., 1.032 body dia., (see page 11) 3600 standard add a pot (see page 10) 3600 push/pull (see page 5) 3600 standard add a snap action switch (see page 11)
2650 south croddy way p.o. box 25063 santa ana, california 92799-5063 usa phone 714.556.3100 sales fax 714.241.9061 www.cole-switches.com iso9001 certified 3600 series 3600 series one inch multi-deck enclosed rotary switches 3600 series/page 3 ordering information multideck switches add the total number of decks required as a dash no. after the part number. sample code switch shown in the sample code is a 36 indexing, 2 pole per deck, 4 positions per pole, 3 decks, with shorting type contacts. options the following options can be added to the standard switch. when ordering, simply add the letters after the basic part number. options listed in alphabetical order only. a = adjustable stops. f = fixed stop between the rst and last position on the full-turn switch. g = rfi-emi shielding. l = dry circuit (low level). p = panel and shaft seals. s = shorting type switch. (available in all con gurations) sd = screwdriver slot. w = washable y = non-turn washer. screw terminals available (contact factory for special part number) 3600 standard side view front view rear view 3600 series features:  flux contamination free.  ball bearing-smooth detent indexing.  mil-s-3786 tested.  constant low contact resistance.  6 amp. power switching.  rugged, high impact construction.  100,000 plus operation life cycle. notes: 1. dimensions are in inches. 2. unless otherwise speci ed, tolerances are .005 and 3 on angles (non-accumulative). 3. shaft at opposite position being made. 4. add .312 to the length for each additional deck. 5. non-turn washer for .432 hole spacing, also available. 6. for standard, shaft at is .375 7. for standard, shaft length is .500 .020 8. for switches with more than 5 decks the stud projection is .312 .060 9. switches are provided with full circle of terminals, regardless of the number of active position.
2650 south croddy way p.o. box 25063 santa ana, california 92799-5063 usa phone 714.556.3100 sales fax 714.241.9061 www.cole-switches.com iso9001 certified 3600 series 3600 series one inch multi-deck enclosed rotary switches 3600 series/page 4 basic part number for single deck switches ordering information multideck switches add the total number of decks required as a dash no. after the part number. sample code switch shown in the sample code is a 45 indexing, 2 pole per deck, 4 positions per pole, 3 decks, with shorting type contacts. options the following options can be added to the standard switch. when ordering, simply add the letters after the basic part number. options listed in alphabetical order only. a = adjustable stops. f = fixed stop between the rst and last position on the full-turn switch. g = rfi-emi shielding. l = dry circuit (low level). p = panel and shaft seals. s = shorting type switch. (available in all con gurations) sd = screwdriver slot. w = washable y = non-turn washer. screw terminals available (contact factory for special part number) style available: cole instrument offers other styles which include: spring return (momentary), add-a-pot, concentric shaft, push and pull to turn switches. all the above switches can include combinations of shorting and non-shorting contacts, extended through bolts for rear mounting and sealed enclosures with switches pre-wired to connectors. for switches that incorporate these, and other features, contact the factory with your special requirements.
2650 south croddy way p.o. box 25063 santa ana, california 92799-5063 usa phone 714.556.3100 sales fax 714.241.9061 www.cole-switches.com iso9001 certified 3600 series 3600 series one inch multi-deck enclosed rotary switches 3600 pull/push electrical schematic diagram (viewed from shaft end, shown in position 1, shorting contacts) description: a rotary switch can be con gured such that one or more positions can?t contacted without pulling or pushing the switch shaft, in addition of the required torque. the isolated switch has the exibility of ordering which position or combination of positions to be iso- lated. the isolation posts to be inserted adjacent to the position to be isolated. for multi-pole, the rst pole isolation post and stop location will determine the isolation pattern for the additional poles. ordering information create the part number using this example: special ordering information indicate this as special switch to ensure that no error is made when the order is entered and create the special ordering information using the following conventional symbols: d = specifying detent position stop = specifying stops pl = specifying actuation by pulling the shaft out ps = specifying actuation by pushing the shaft in sample part number: this sample part number orders a series 3600, 36 indexing, 2 poles, 5 position per pole shorting, 1 deck, and push to turn isolation posts between positions 1-2, 2-3 and 3-4. although somewhat long, use of this numbering scheme will prevent error in orders processing. upon receipt of your order, a special number will be issued unique to this switch. these numbers will not relate to the coding system and will be logged as ?special?. the acknowledgment of your order will identify this number. your speci c switch will be the only one identi ed by this number for different requirements please contact the factory. special 3636 - 205 - 1s stop1ps2ps3ps4d5stop mechanical schematic diagram (viewed from shaft end, isolation stops pull or push to rotate clockwise mechanical schematic diagram (viewed from shaft end, isolation stops pull or push to rotate counter clockwise notes: 1. dimensions are in inches. 2. unless otherwise speci ed, tolerances are .005 and 3 on angles (non-accumulative). 3600 series/page 5
2650 south croddy way p.o. box 25063 santa ana, california 92799-5063 usa phone 714.556.3100 sales fax 714.241.9061 www.cole-switches.com iso9001 certified 3600 series 3600 series one inch multi-deck enclosed rotary switches 3600 isolated position switch description a special feature of rotary switches is available known as ?isolated position?. this feature allows switch shaft rotation that requires the user to either pull or push the shaft before it will respond to rotational torque. the user identi es the position or positions affected by the isolation mechanism. incorporation of the isolated position feature in cole?s series 3600 switches will add 0.315 inches to the length. in multipole switches, the initial position that is isolated determines the pattern for the additional poles. specifying positions the cole system for identifying isolation positions lets you perform the selection by inserting isolation posts next to the positions to be isolated. an 3600 series switch with 36 indexing and continuous rotation is shown below with no isolation position identi ed in the spaces between the terminals. 10_1_2_3_4_5_6_7_8_9_10 if you isolate positions 1, 2 and 3, the isolation post insertion points are identi ed by the letters pl (for actuation by pulling the shaft out), or ps ( for actuation by pushing the shaft in) as shown below: 10pl1pl2pl3pl4 5 6 7 8 9 10 this indicates that you can only get to positions 1, 2 and 3 by pulling on the shaft while all other positions can be achieved with normal rotational torque on the shaft. if positions 1 and 2 are isolated from all other position but nor from each other: 10ps12ps3 4 5 6 7 8 9 10 in this case you need to push on the shaft to get to position 1 from position 10 as well as position 2 from position 3. however, to get from position 1 to position 2 merely requires rotational torque on the shaft. as a special feature, certain positions on the switch can be isolated in unidirectional mode. that means that the positions can be achieved with normal rotational torque on the shaft, but requires a push or pull action to get to the next position (ramp-in). conversely, reaching the isolated position with a push or pull action on the shaft but requiring normal rotational torque (ramp-out) for the next position, is also available. please consult the factory for special features. specifying stops stops must be incorporated when a switch has multiple poles or speci es less than the numbers of positions available. if a switch with 36 indexing is speci ed as an 8 position switch with position 1 isolated with push actuation required, the designation would be: stop1ps2 3 4 5 6 7 8stop since the stop mechanism is inserted between positions 10 and 1, the isolation post is only required between positions 1 and 2. the stop mechanism inserted between terminals 8 and 9 serves to limit the switch to 8 positions. when stop and isolation mechanism are used in multipole switches, all poles are slaved to the rst pole in the case of a 2 pole, 10 position switch with 36 indexing, isolating position 1 will automatically isolate position 6. (refer to the standard switch schematics for 36 indexing switches, page no. 3 3600 series/page 6
2650 south croddy way p.o. box 25063 santa ana, california 92799-5063 usa phone 714.556.3100 sales fax 714.241.9061 www.cole-switches.com iso9001 certified 3600 series 3600 series one inch multi-deck enclosed rotary switches description: a spring return rotary switch requires that manual torque be maintained at the desired switch position. releasing the force allows the spring to return the contact to a normal, or detent positions. arrows in the configurations and restrictions table indicate the direction the spring will return the contact so it assumes a normal detent position, the ?d? designates a normal detent position. ordering information create the part number using this example: 3600 spring return notes: 1. dimensions are in inches. 2. unless otherwise speci ed, tolerances are .005 and 3 on angles (non-accumulative). 3. shaft at opposite position being made. special ordering information indicate this as special switch to ensure that no error is made when the order is entered and create the special ordering information using the following conventional symbols: d = specifying detent position stop = specifying stops direction of spring return sample part number: this sample part number orders a series 3600, 45 indexing, 2 poles, 4 position per pole shorting, 1 deck, momentary terminal 4 returning to terminal 3 (8 to 7 is slaved). although somewhat long, use of this numbering scheme will prevent error in orders processing. upon receipt of your order, a special number will be issued unique to this switch. these numbers will not relate to the coding system and will be logged as ?special?. the acknowledgment of your order will identify this number. your speci c switch will be the only one identi ed by this number for different requirements please contact the factory. special 3645 - 204 - 1s stop1d2d3 4stop schematic diagram (viewed from shaft end) (position 1 and 3 momentary) 3600 series/page 7
2650 south croddy way p.o. box 25063 santa ana, california 92799-5063 usa phone 714.556.3100 sales fax 714.241.9061 www.cole-switches.com iso9001 certified 3600 series 3600 series one inch multi-deck enclosed rotary switches 3600 spring return rotary switch description a rotary switch with a spring return mechanism allows certain selected positions to have momentary action wherein they can be maintained only with positive force on the shaft. releasing the shaft will return the switch to its previous position. this feature is available in the cole series 1800, 1830, and 3600 switches. the spring return feature in the series 3600 switch is available in those with 36, 36 and 45 angles of throw as a standard. addition of this mechanism to the series 3600 switch adds 0.315 inches to its length; all other dimensions remain unchanged. custom requirements can be accommodated by contacting the factory. configurations and restrictions table *the maximum number of poles per switch is 24 and decks is 12. -> direction of spring return <- for defferent requirements please contact the factory. 3600 series/page 8
2650 south croddy way p.o. box 25063 santa ana, california 92799-5063 usa phone 714.556.3100 sales fax 714.241.9061 www.cole-switches.com iso9001 certified 3600 series 3600 series one inch multi-deck enclosed rotary switches configurations and restrictions table 3600 series/page 9
2650 south croddy way p.o. box 25063 santa ana, california 92799-5063 usa phone 714.556.3100 sales fax 714.241.9061 www.cole-switches.com iso9001 certified 3600 series 3600 series one inch multi-deck enclosed rotary switches configurations and restrictions table 3600 series/page 10
2650 south croddy way p.o. box 25063 santa ana, california 92799-5063 usa phone 714.556.3100 sales fax 714.241.9061 www.cole-switches.com iso9001 certified 3600 series 3600 series one inch multi-deck enclosed rotary switches configurations and restrictions table 3600 series/page 11
2650 south croddy way p.o. box 25063 santa ana, california 92799-5063 usa phone 714.556.3100 sales fax 714.241.9061 www.cole-switches.com iso9001 certified 3600 series 3600 series one inch multi-deck enclosed rotary switches configurations and restrictions table 3600 series/page 12
2650 south croddy way p.o. box 25063 santa ana, california 92799-5063 usa phone 714.556.3100 sales fax 714.241.9061 www.cole-switches.com iso9001 certified 3600 series 3600 series one inch multi-deck enclosed rotary switches configurations and restrictions table 3600 series/page 13
2650 south croddy way p.o. box 25063 santa ana, california 92799-5063 usa phone 714.556.3100 sales fax 714.241.9061 www.cole-switches.com iso9001 certified 3600 series 3600 series one inch multi-deck enclosed rotary switches configurations and restrictions table 3600 series/page 14
2650 south croddy way p.o. box 25063 santa ana, california 92799-5063 usa phone 714.556.3100 sales fax 714.241.9061 www.cole-switches.com iso9001 certified 3600 series 3600 series one inch multi-deck enclosed rotary switches configurations and restrictions table 3600 series/page 15
2650 south croddy way p.o. box 25063 santa ana, california 92799-5063 usa phone 714.556.3100 sales fax 714.241.9061 www.cole-switches.com iso9001 certified 3600 series 3600 series one inch multi-deck enclosed rotary switches ordering information sample code switch shown in the sample code is a dual in-line series 3600 switch with a 0.25 inch shaft actuating section ?a? (closest to the shaft), and a concentric 0.125 inch shaft actuating section ?b? (furthest from the shaft). section ?a? has 30 indexing, 2 poles, 6 positions/pole, 6 decks, non-shorting contacts. section ?b? has 45 indexing, one pole, 8 positions/pole, 4 decks, shorting contacts. upon providing the factory with full coded identi cation, a unique 4 digit part number shall be assigned. options: the following options can be added to each section of the switch. simply add the letters under the ?options? heading. a = adjustable stops f = fixed stops between rst and last positions g = rfi -emi shielding l = low level gold contacts p = shaft and panel seals y = non-turn washer for 3/8-32 unef-2a ferrule notes: 1. dimensions are in inches. 2. unless otherwise speci ed, tolerances are .005 and 3 on angles (non-accumulative). 3. shaft at opposite position being made. 4. switch can have up to twelve (12) decks. for more than 12 decks, contact factory. 5. add .312 to the length for each additional deck. 6. non-turn washer for .432 hole spacing, also available. . 7. for switches with 6 or more decks the stud projection is .312 .060 8. switches are provided with full circle of terminals, regardless of the number of active position. 3600 series concentric shafts 3600 series/page 16
2650 south croddy way p.o. box 25063 santa ana, california 92799-5063 usa phone 714.556.3100 sales fax 714.241.9061 www.cole-switches.com iso9001 certified 3600 series 3600 series one inch multi-deck enclosed rotary switches notes: 1. dimensions are in inches. 2. unless otherwise speci ed, tolerances are plus or minus .005 and plus or minus 3 degrees on angles. 3. shaft ats are opposite to position being made. 4. switch can have up to ve (5) decks for section ?a?. for more than 5 decks, contact factory. 5. add .312 to the length for each additional deck. 6. non-turn washer for .432 hole spacing, also available. 7. for switches with 5 or more decks, the stud projection is .312 .060. 8. switches are provided with full circle of terminals, regardless of the number of active positions. 3600 standard series - add a pot switch ordering information multideck switches add the total number of decks required as a dash no. after the part number. sample code switch shown in the sample code is a 36 indexing, 2 pole per deck, 4 positions per pole, 3 decks, with shorting type contacts. options the following options can be added to the standard switch. when ordering, simply add the letters after the basic part number. options listed in alphabetical order only. a = adjustable stops. f = fixed stop between the rst and last position on the full-turn switch. g = rfi-emi shielding. l = dry circuit (low level). p = panel and shaft seals. s = shorting type switch. (available in all con gurations) sd = screwdriver slot. w = washable y = non-turn washer. screw terminals available (contact factory for special part number) 3600 series/page 17
2650 south croddy way p.o. box 25063 santa ana, california 92799-5063 usa phone 714.556.3100 sales fax 714.241.9061 www.cole-switches.com iso9001 certified 3600 series 3600 series one inch multi-deck enclosed rotary switches 3600 standard series - add a snap action switch notes: 1. dimensions are in inches. 2. unless otherwise speci ed, tolerances are plus or minus .005 and plus or minus 3 degrees on angles. 3. shaft ats are opposite to position being made. 4. switch can have up to ve (5) decks for section ?a?. for more than 5 decks, contact factory. 5. add .312 to the length for each additional deck. 6. non-turn washer for .432 hole spacing, also available. 7. for switches with 5 or more decks, the stud projection is .312 .060. 8. switches are provided with full circle of terminals, regardless of the number of active positions. ordering information multideck switches add the total number of decks required as a dash no. after the part number. sample code switch shown in the sample code is a 36 indexing, 2 pole per deck, 4 positions per pole, 3 decks, with shorting type contacts. options the following options can be added to the standard switch. when ordering, simply add the letters after the basic part number. options listed in alphabetical order only. a = adjustable stops. f = fixed stop between the rst and last position on the full-turn switch. g = rfi-emi shielding. l = dry circuit (low level). p = panel and shaft seals. s = shorting type switch. (available in all con gurations) sd = screwdriver slot. w = washable y = non-turn washer. screw terminals available (contact factory for special part number) 3600 series/page 18
2650 south croddy way p.o. box 25063 santa ana, california 92799-5063 usa phone 714.556.3100 sales fax 714.241.9061 www.cole-switches.com iso9001 certified 3600 series 3600 series one inch multi-deck enclosed rotary switches 3600 typical features schematic diagrams (viewed from shaft end and shown in position #1) 1 pole/deck 2 pole/deck 3 pole/deck 4 pole/deck 6 pole/deck 30 indexing 36 indexing 45 indexing 60 indexing 90 indexing 1 pole/deck 2 pole/deck 1 pole/deck 2 pole/deck 4 pole/deck 1 pole/deck 2 pole/deck 3 pole/deck 1 pole/deck 2 pole/deck internal tooth lock-washer hex-nut per ms25082-20 key washer recommended panel cutout notes: 1. dimension are in inches. 6. for standard, shaft at is .375 2. unless otherwise speci ed, tolerances are 7. for standard, shaft length is .500 .020 .005 and 3 on angles (non-accumulative). 8. for switches with more than 5 decks the stud projection 3. shaft at opposite position being made. is .312 .060 4. add .315 to the length for each additional deck. 9. switches are provided with full circle of terminals, 5. non-turn washer for .432 hole spacing, also regardless of the number of active positions. available. 3600 series/page 19
2650 south croddy way p.o. box 25063 santa ana, california 92799-5063 usa phone 714.556.3100 sales fax 714.241.9061 www.cole-switches.com iso9001 certified 3600 series 3600 series one inch multi-deck enclosed rotary switches 3600 series/page 20


▲Up To Search▲   

 
Price & Availability of 3690-104-03

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X